Part Number Hot Search : 
1SV69 U834BS BCY78 AM29LV UZ15BS PE53827 C2688 22103
Product Description
Full Text Search
 

To Download PHV12-20K2500P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV-Power Supplies
PHV Series
Features
World's most compact High Voltage Power Supplies Full SMD-Design with Ceramic Capacitors for highest Reliability Positive or negative Polarity Models Excellent Output Stability Low Temperature Coefficient Ultra low Ripple Remote Voltage Programming 0 to 100% Short Circuit Protection Shielded Metal Case 2 Year Product Warranty The PHV series are regulated miniature high voltage power modules using SMD and hybrid technology. They are designed for PCB mounting. The use of high stability components guarantees a minimal temperature drift and a very stable output voltage. Typical applications for these HV power supplies are photomultiplier tubes, gas chromatography, analytical instruments and wherever where small size and high output voltage stability is requested.
3.5 - 5 Watt
Models
Ordercode PHV 12-350 S 10 P PHV 12-350 S 10 N PHV 12-0.5 K 1000 P PHV 12-0.5 K 1000 N PHV 12-1.0 K 5000 P PHV 12-1.0 K 5000 N PHV 12-2.0 K 2500 P PHV 12-2.0 K 2500 N Input voltage Output voltage 0... +350 VDC 0... -350 VDC 0... +500 VDC 0... -500 VDC 0... +1000 VDC 0... -1000 VDC 0... +2000 VDC 0... -2000 VDC Output current max. 10 10 10 10 5 5 2.5 2.5 mA mA mA mA mA mA mA mA
12 VDC 10.8 - 16.5 VDC
Order code P for positive output polarity Order code N for negative output polarity
www.tracopower.com
Page 1
HV-Power Supplies
PHV Series 3.5 - 5 Watt
Input Specifications
Input voltage Reverse voltage protection Conducted noise (input) +10.8VDC to +16.5 VDC none internal filter 5%
Output Specifications
Voltage accuracy Voltage adjustement range 0 - 100% (adjustable with external voltage 0 to +6 VDC or with 5 kOhm varaiable resistor) Remote ON /OFF control Regulation - Input variation Vin min. to Vin max. - Load variation 0 - 100 % ON = pin 2 to pin 5 open OFF = pin 2 to pin 5 short 0.01 % max. 0.01 % max. 100 mVpk-pk max. 0.01 % / C 0.05% 8h after warm-up time >110% of Iout max., constant current indefinite - 10 C ... + 50 C + 90 C max. - 25 C ... + 75 C 4 % /C 30 - 95 % rel H max. 60 - 65% >300'000 h @ + 25 C none 5 -10 Hz amplitude 10 mm pk-pk 10 - 55 Hz acceleration 2 G acceletration 20 G max. time 11 ms steel chrom-nickel plated 65 g (2.29 oz) max. 260 C / 10 sec. Input/Output
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Stability Current limitation Short circuit protection
General Specifications
Temperature ranges - Operating - Case temperature - Storage Derating above 40C Humidity (non condensing) Efficiency Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Vibration Shock
Physical Specifications
Case material Weight Soldering temperature
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
HV-Power Supplies
PHV Series 3.5 - 5 Watt
Connection Diagram
Connection for remote control by variable resistor
+Vin
1
7
100%
HV out
Output Voltage [%]
=
+ -
80% 60% 40% 20%
+
- 47 F
-Vin
2
C1
PHV Series
C2 Load 4700 pF
6
Vout Com
5
4
3
Open=ON Short=OFF
SW1
ON/OFF
Vref
Vadj R2 R1
0% R1 0 Ohm R2 5 kOhm
Resistance Control
5 kOhm 0 Ohm
VR = 5 kOhm
Connection for remote voltage control
+Vin
1
7
100%
HV out
Output Voltage [%]
80% 60% 40% 20% 0% 1V 2V 3V 4V 5V 6V
=
+ -
+
C1 - 47 F -Vin
2
PHV Series
C2 Load 4700 pF
6
Vout Com
5
4
3
Open=ON Short=OFF
SW1
ON/OFF
Vref (open)
Vadj
+
Remote voltage control 0 - 6 V
=
-
Voltage Control
http://www.tracopower.com
Page 3
HV-Power Supplies
PHV Series 3.5 - 5 Watt
Outline Dimensions mm (inches) PHV 12-350 S 10P /N
7.3 5.08 5.08 5.08 5.08
(0.29) (0.2) (0.2) (0.2) (0.2)
(0.38)
9.7
54321
40.64
(2.36) (1.6)
60
Bottom view
6
7
11 typ 15
(0.49 typ) (0.6)
9.8
(0.39)
20.32
(0.8)
Pin-Out
Pin 1 2 3 4 5 +Vin (Vcc) -Vin (GND) V adj. V ref. ON/OFF (option) Common Vout
40
(1.57)
all other models
(0.38)
7.3 5.08 5.08 5.08 5.08
(0.29) (0.2) (0.2) (0.2) (0.2)
6 7
9.7
54321
(2.36)
40.64
60
(1.6)
Bottom view
6
7
11 typ
(0.49 typ) (0.6)
9.8
(0.39)
20.32
(0.8)
20
(0.8)
40
(1.57)
Pin diameter o 0.8
0.05
(0.03) 0.002
Tolerances 0.5 (0.02) Specifications can be changed without notice
Rev. 07/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
*
internet: http://www.tracopower.com
Page 4


▲Up To Search▲   

 
Price & Availability of PHV12-20K2500P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X